Part Number Hot Search : 
A554RW MUR10 CE66P9 A222R AP1501A X935Z LB11823M AK5703
Product Description
Full Text Search
 

To Download MBR10100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
MBR10H100CT, MBRF10H100CT & MBRB10H100CT Series
New Product
Vishay Semiconductor
Rev. Voltage 90 to 100V Forward Current 10A
Dual High-Voltage Schottky Rectifiers
ITO-220AB (MBRF10H90CT, MBRF10H100CT)
0.405 (10.27) 0.383 (9.72) 0.188 (4.77) 0.172 (4.36) 0.110 (2.80) 0.100 (2.54)
TO-220AB (MBR10H90CT, MBR10H100CT)
0.415 (10.54) MAX. 0.154 (3.91) 0.370 (9.40) 0.360 (9.14) 0.148 (3.74) 0.113 (2.87) 0.103 (2.62) 0.145 (3.68) 0.135 (3.43) 0.410 (10.41) 0.390 (9.91) 1 0.160 (4.06) 0.140 (3.56) PIN 2 3 0.603 (15.32) 0.573 (14.55) 0.560 (14.22) 0.530 (13.46) 0.055 (1.39) 0.045 (1.14) 0.185 (4.70) 0.175 (4.44) 0.600 (15.5) 0.580 (14.5)
PIN 1 2 3
0.140 (3.56) DIA. 0.130 (3.30)
0.131 (3.39) DIA. 0.122 (3.08)
0.676 (17.2) 0.646 (16.4) 0.350 (8.89) 0.330 (8.38)
0.191 (4.85) 0.171 (4.35) 0.060 (1.52)
PIN 1 PIN 3 PIN 2
0.635 (16.13) 0.625 (15.87)
0.350 (8.89) 0.330 (8.38)
0.110 (2.80) 0.100 (2.54)
1.148 (29.16) 1.118 (28.40) 0.110 (2.79) 0.100 (2.54) 0.560 (14.22) 0.530 (13.46) 0.105 (2.67) 0.095 (2.41)
0.037 (0.94) 0.027 (0.69)
0.022 (0.55) 0.014 (0.36)
PIN 1 PIN 3
PIN 2 CASE
0.105 (2.67) 0.095 (2.41) 0.104 (2.65) 0.096 (2.45) 0.035 (0.90) 0.028 (0.70) 0.205 (5.20) 0.195 (4.95) 0.022 (0.56) 0.014 (0.36)
Dimensions in inches and (millimeters)
0.205 (5.20) 0.195 (4.95)
TO-263AB (MBRB10H90CT, MBRB10H100CT)
0.411 (10.45) 0.380 (9.65) 0.190 (4.83) 0.160 (4.06) 0.055 (1.40) 0.045 (1.14)
0.42 (10.66)
0.245 (6.22) MIN K
Mounting Pad Layout TO-263AB
0.63 (17.02)
0.33 (8.38)
0.360 (9.14) 0.320 (8.13) 1 K 2 0.624 (15.85) 0.591 (15.00)
0.055 (1.40) 0.047 (1.19)
0-0.01 (0-0.254) 0.110 (2.79) 0.090 (2.29) 0.037 (0.940) 0.027 (0.686)
PIN 1 PIN 2 K - HEATSINK
0.021 (0.53) 0.014 (0.36) 0.140 (3.56) 0.110 (2.79)
0.08 (2.032) 0.24 (6.096)
0.12 (3.05)
0.105 (2.67) 0.095 (2.41)
0.205 (5.20) 0.195 (4.95)
Mechanical Data Features
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * Dual rectifier construction, positive center tap * Metal silicon junction, majority carrier conduction * Low power loss, high efficiency * Guardring for overvoltage protection * For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
Document Number 88668 24-Apr-03
Case: JEDEC TO-220AB, ITO-220AB & TO-263AB molded plastic body Terminals: Plated leads, solderable per MIL-STD-750, Method 2026 High temperature soldering guaranteed: 250C/10 seconds, 0.25" (6.35mm) from case Polarity: As marked Mounting Position: Any Mounting Torque: 10 in-lbs maximum Weight: 0.08oz., 2.24g
www.vishay.com 1
MBR10H100CT, MBRF10H100CT & MBRB10H100CT Series
Vishay Semiconductors
formerly General Semiconductor
Maximum Ratings
Parameter
(TC = 25C unless otherwise noted)
Symbol VRRM VRWM VDC IF(AV)
MBR10H90CT 90 90 90 10 5 150 0.5
MBR10H100CT 100 100 100
Unit V V V A
Maximum repetitive peak reverse voltage Working peak reverse voltage Maximum DC blocking voltage Maximum average forward rectified current Total device at TC = 105C Per leg Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) per leg Peak repetitive reverse current per leg at tp = 2s, 1KHZ Voltage rate of change (rated VR) Operating junction and storage temperature range RMS Isolation voltage (MBRF type only) from terminals to heatsink with t = 1 second, RH 30%
IFSM IRRM dv/dt TJ, TSTG VISOL
A A V/s C V
10,000 -65 to +175 4500 3500 (2) 1500 (3)
(1)
Electrical Characteristics (TC = 25C unless otherwise noted)
Parameter Maximum instantaneous forward voltage per leg(4) at at at at IF = IF = IF = IF = 5.0A, TJ = 25C 5.0A, TJ = 125C 10A, TJ = 25C 10A, TJ = 125C TJ = 25C TJ = 100C Symbol Value 0.76 0.61 0.85 0.71 3.5 4.5 Unit
VF
V A mA
Maximum reverse current per leg at working peak reverse voltage (Note 4)
IR
Thermal Characteristics (TC = 25C unless otherwise noted)
Parameter Typical thermal resistance per leg Symbol RJC MBR 2.2 MBRF 4.2 MBRB 2.2 Unit
O
C/W
Notes: (1) Clip mounting (on case), where lead does not overlap heatsink with 0.110" offset (2) Clip mounting (on case), where leads do overlap heatsink (3) Screw mounting with 4-40 screw, where washer diameter is 4.9 mm (0.19") (4) Pulse test: 300s pulse width, 1% duty cycle
Ordering Information
Product MBR10H90CT, MBR10100CT MBRF10H90CT, MBRF10100CT MBRB10H90CT, MBRB10100CT Case TO-220AB ITO-220AB TO-263AB Package Code 45 45 31 45 81 Package Option Anti-Static tube, 50/tube, 2K/carton Anti-Static tube, 50/tube, 2K/carton 13" reel, 800/reel, 4.8K/carton Anti-Static tube, 50/tube, 2K/carton Anti-Static 13" reel, 800/reel, 4.8K/carton
www.vishay.com 2
Document Number 88668 24-Apr-03
MBR10H100CT, MBRF10H100CT & MBRB10H100CT Series
Vishay Semiconductors
formerly General Semiconductor
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
Fig. 1 - Forward Derating Curve Per Leg
6.0 175
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current Per Leg
Peak Forward Surge Current (A)
TJ = TJ max. 8.3ms Single Half Sine-Wave (JEDEC Method)
Average Forward Current (A)
5.0
150
4.0
125 100 75 50 25
3.0
2.0
1.0 0 0 25 50 75 100 125 150 175
1
10
100
Case Temperature (C)
Number of Cycles at 60 HZ
Fig. 3 - Typical Instantaneous Forward Characteristics Per Leg
IF -- Instantaneous Forward Current (A)
100 TJ = 175C 10 TJ = 150C 10000
Fig. 4 - Typical Reverse Characteristics Per Leg
1000
TJ = 150C 125C
IR -- Instantaneous Reverse Current (A)
100 100C 10 1 0.1 25C
1.0 TJ = 125C TJ = 100C 0.1 TJ = 25C TJ = - 40C 0.1 0.3 0.5 0.7 0.9 1.1
0.01
0.01 0
20
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
Fig. 5 - Typical Junction Capacitance Per Leg
1000 100
Fig. 6 - Typical Transient Thermal Impedance Per Leg
Transient Thermal Impedance (C/W)
Junction Capacitance (pF)
10
100
1
10 0.1 1 10 100
0.1 0.01 0.1 1 10
Reverse Voltage (V) Document Number 88668 24-Apr-03
t -- Pulse Duration (sec.) www.vishay.com 3


▲Up To Search▲   

 
Price & Availability of MBR10100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X